Part Number Hot Search : 
M93C06BN LT3015 HT121K 000MT M93C06BN M93C06BN M93C06BN MAX5488
Product Description
Full Text Search
 

To Download ADFC18-245000-A-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||| | | | | applications: features: pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001:2008 ce r tified standard specifications: 3 0 3 3 2 e s p e r a n z a , r a n c h o s a nt a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 12.03.12 visit www.abracon.com for terms & conditions of sale smd 2.45ghz dielectric band pass filter characteristic curve: adfc18-2450.00-a-t 1.6 x 0.8 x 0.60 mm ? mobile communication system ? bluetooth, wireless lan, wifi, gps, etc. reflow profile: p re heat conditi on: 150 ~ 200 o c /60~120sec . allowe d ti me a bove 217 o c : 60~90sec . max temp: 260 o c max ti me a t m a x temp: 1 0sec . s older pa ste: s n/3.0ag /0 .5cu allowe d ref low ti me: 2x max p ar am et e rs mi n i m u m t ypic a l max i m u m u nit s n ot es c e nter f r e que n c y ( f 0 ) 2450.00 mhz p a ssband w idt h 2 40 0.00 2 500.00 mhz i ns e rtion l oss (2400 ~ 2 500mhz ) 1. 6 db @+ 25 ? c 1. 8 db @ - 40 ~ + 8 5? c ampli tude r ippl e (2400 ~ 2500mhz ) 0.5 db v.s.w .r ( 2400 ~ 2500m hz ) 1.5 r e lative attenua ti on (re fe r e nc e leve l: 0db) 24 db 800 ~ 960 mhz 20 1710 ~ 199 0 mhz 25 4800 ~ 5000 mhz 25 7200 ~ 7500 mhz c ha ra c te risti c i mp e da n c e 50 ? ope ra ti on te mp e ra tur e r a ng e - 40 + 85 c s tora g e te mper a ture r a ng e - 10 + 40 c r h 70% max 1 2 3 4 5 6 7 0 8 -5 0 -4 0 -3 0 -2 0 -1 0 -6 0 0 f re q , g h z d b(s(1 , 1 )) d b(s(2 , 1 )) ? small and low profile enables high density mounting ? low insertion loss & attenuation ? internally shielded for enhanced performance ? excellent solderability
||||||||||| | | | | pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001:2008 ce r tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a nt a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 12.03.12 visit www.abracon.com for terms & conditions of sale smd 2.45ghz dielectric band pass filter adfc18-2450.00-a-t 1.6 x 0.8 x 0.60 mm outline drawing: tape & reel: dime n s ion s: m m a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applica- tio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. d ime n sion s: m m re c o mmende d l and p at te r n p a c k agin g: 4 , 000p c s/re e l a b p t m a x 1 . 0 0 0 . 1 0 1 . 8 0 0 . 1 0 4 . 0 0 . 1 0 0 . 7 5


▲Up To Search▲   

 
Price & Availability of ADFC18-245000-A-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X